Part Number Hot Search : 
MAZ7300 74HCT54 LVC14A DR331 H189L C3225 LM158J FR807G
Product Description
Full Text Search
 

To Download 52044-1645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520441645 status: active overview: description: 1.25mm (.049") right angle, non-zif, top contact style receptacle, 16 circuits agency certification ul e29179 general product family ffc/fpc connectors series 52044 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 16 contact position top entry angle 90 angle flammability 94v-0 mated height (in) 0.201 in mated height (mm) 5.10 mm number of rows 1 orientation right angle pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb retention none packaging type tray pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 0.5a, 1a voltage - maximum 200v material info reference - drawing numbers packaging specification spk-52044 product specification ps-52044-002, rps-52044-003, rps-52044-005, rps-52044-006, rps-52044-008 sales drawing sd-52044-**45 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52044 series this document was generated on 06/04/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 52044-1645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X